PART |
Description |
Maker |
AN2720SC 2720SCPB |
Anchor Chips Single-Chip EZ-Link From old datasheet system
|
Cypress
|
SSB-COB6527GW |
65mm x 27mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565mm GREEN CHIPS, 44 CHIPS, 4.2V 220mA
|
LUMEX INC.
|
ISD1100P ISD1100X ISD1112 ISD1110 ISD1120 ISD1110P |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时12秒)) 单芯片语音记播放设备(单芯片的持续时12秒)(单片的录音/录音重放器(一片信息存储持续时12秒) Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations(单片声音录音/回放芯片(单片信息存储持续时间12秒钟)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 10 seconds)(单片的录录音重放一片信息存储持续时0秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时2秒)) SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES RES POWER .360 OHM 1W 5% SMT
|
List of Unclassifed Manufacturers Winbond Electronics, Corp. Winbond Electronics Corp ETC Electronic Theatre Controls, Inc.
|
SSB-COB6519GW-B |
65mm x 19mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565mm GREEN CHIPS, 24 CHIPS, 4.2V 120mA 65mm x 19mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green,
|
List of Unclassifed Manufacturers LUMEX INC. ETC
|
AK-8850 |
SEISMIC ANCHOR KIT
|
Bud Industries, Inc.
|
EC820 EC821 EC823 |
Cast aluminum anchor plate
|
Lumins Inc.
|
SIGC156T120R2C BSM100GD120DN2 ECONOPACK3 Q67041-A4 |
IGBTs - HV Chips - SIGC156T120R2C, 1200V, 100A IGBT Chip in NPT-technology
|
INFINEON[Infineon Technologies AG]
|
SSB-COB7248GW |
72mm x 48mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 84 chips 565NM green
|
Electronic Theatre Controls, Inc.
|
LC66358S LC66556A LC665312A LC66P5316 LC662304A LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
SSB-LX2720SYD |
10mm x 20mm, 4 WINDOW, 8 CHIP LIGHT BAR, YELLOW CHIPS, YELLOW DIFFUSED
|
LUMEX INC.
|